Part Number Hot Search : 
10M162J HE721C EPA1951G 827M0 15C30 35100 CM542 PR100
Product Description
Full Text Search
 

To Download TIC106 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  TIC106a, TIC106b, TIC106c, TIC106d, TIC106e,TIC106f,TIC106m p-n-p-n silicon reverse-blocking triode thyristors ? silicon controlled rectifiers ? 50v to 600v ? 5 a dc ? 30 a surge current ? max iqt of 200 a device schematic to-z2dab package 1 the anode is in electrical contact with the mounting tab. the date terminal is connected to a "f" region. absolute maximum ratings at 25c case temperature (unless otherwise noted) repetitive peak off-state voltage, vqrm (see note 1 ) repetitive peak reverse voltage, vrrm continuous on-state current at (or below) 80c case temperature (see note 2) average on-state current (1 80 conduction angle) at (or below) 80c case temperature (see note 3) surge on-state current (see note 4) peak positive gate current (pulse duration < 300 ps) peak gate power dissipation (pulse duration < 300 ps) average gate power dissipation (see note 5) operating case temperature range storage temperature range lead temperature 1,6mm (1/1 6 inch) frorn case for 10 seconds TIC106f TIC106a 50v 100v 60v 100v tic108b 200v- 200v tic108c 300v 300v ba 3.2a 30 a 0.2 a 1.3w 0.3 w -40?cto110c -40cto125c 230c notes: 1. these values apply when the gate-cathode resistance rqk ? i kq. 2. these values apply for continuous d-c operation wtth resistive load. above 80cc derate according to figure 3. 3. this value may be applied continuously under single-phase 50-hz half-slne-wave operation with reslatlve load. above 80c derate according to figure 3. 4. this value applies for one 50-hz mf-sine-wave when the device is operating at ior below) rated valutt of ptak reverse voltage and on-3tate current. surge may be repeated after the device has returned to original thermal equilibrium. 5. this value applies for a maximum averaging time of 20 ms. nj semi-conductors reserves the right to change test conditions, parameter limits and package dimensions without notice. information furnished by nj semi-conductors is believed to.be both accurate and reliable at the time of going to press. however, nj semi-conductors assumes no responsibility for any errors or omissions discovered in its use. nj semi-conductors encourages customers to verify that datasheets are current before placing orders. quality semi-conductors
TIC106a, TIC106b, TIC106c, TIC106d, TIC106e,TIC106f,TIC106m p-n-p-n silicon reverse-blocking triode thyristors absolute maximum ratings at 25c case temperature (unless otherwise noted) repetitive peak off-state voltage, vqrm (see note 1 } repetitive peak reverse voltage, vrrm continuous on-state current at (or below) 80c case temperature (see note 2) average on-state current (1 80 conduction angle} et (or below) 80c casa temperature (see note 3} surge on-state current (see note 4} peak positive gate current (pulse duration < 300 us) peak gete power dissipation ipulsa duration < 300 pg) average gate power dissipation (see note 5) operating case temperature range storage temperature range lead temperature 1,6mm (1/1 6 inch) from case for 10 seconds TIC106d TIC106e 400v 500v 400v 600v ba TIC106m 600v 600v 3.2a 30 a 0.2 a 1,3w 0.3w -40cto110c -40 'cto-wc 230c notes: 1. these values apply when the gate-cathode resistance rqk = 1 kfi. 2. these values apply for continuous d-c operation with resistive load. above 6o*c derate according to figure 3. 3. this value may be applied continuously under single-phase 50-hz half-slne-wave operation with resistive load. above 8oc derate according to figure 3. 4. this value applies for one 50-m2 haif-slne-wave when the device is operating at (or below) rated values of peak reverse voltage and on-state current. surge may be repeated after the device has returned to original thermal equilibrium, 5. this value applies for a maximum averaging time of 20 m$. electrical characteristics at 25c case temperature (unless otherwise noted) parameter idhm r<""ititiv<"'mk off-state current irrm rep=*lv?p"k reverse current iqy gate trigger current vgt gate trigger voltage ih holding current vtm peak on-state voltage dv/dt critical rate of rise of off-state voltage test conditions vd - rated vdrm, rgk = i ka, tc ? i ioc vr = rated vrrm, ig = 0, tc = 110c vaa = 6v. rl=1000. tw(0)i?20hs vaa = 6v, rl = 1000. rqk - 1 ka tw(g)>20ms, tc=-40c vaa = e v, rl ? 100q, hqk ? i ko, tw[fl);? 20 us. vaa = ev, hl=ioob, rgk = ika, ?wlfl) * 2fs- tc = - 1 10c vaa = 6v, rqk = i ka, initiatina it = ioma vaa = 6v, rgk = 1 ka, initiating it ~ toma, tc = -40?c itm.5a, see note 6 vd = rated vd, hqk = 1 kq, tc = 110c min typ max 4oo 1 60 200 1.2 0.4 0.6 1 0.2 e e 1.7- 10 unit ca ma ^a v ma v v/ta note 6: these parameters must be measured using pulse techniques, tw = 300 ps, duty cycle < 2 %. voltage-sensing separata from the current-carrying contacts, are located within 3,2 mm (1/8 inch) from the device body. thermal characteristics parameter r0jc rsja min typ max 3.6 62,6 unit ?c/w
TIC106a, TIC106b. TIC106c, TIC106d, TIC106e,TIC106f,TIC106m p-n-p-n silicon reverse-blocking triode thyristors resistive-load switching characteristics at 25c case temperature parameter gate-controlled ql turn-on time circuit-commutated tq tum-off time test conditions vaa = 30 v. rl = s a. rgkiott i = 6 kc. v|na50v, sea figure 1 vaa = 30v. rl = 69, ' irm = 8a, see figure 2 min typ max 1.76 7.7 unit iis ' parameter measurement information voltage waveforms test circuit figure 1 . gate-controlled turn-on time v2 o. vi o. waveforms test circuit figure 2. circuit-commutated turn-off time a. v;n is meaaured with gate and cathode terminals open. b. the input waveform of figure 1 has the following characteristics: tr < 40 ns, tw > 20 ia. c.. waveforms are monitored on an oscilloscope with the following characteristics: tr< 14ns, r|n* 10mb, c(n< 12pf. d. rgkieff ) includes the total resistance of the generator and the external resistor. e. pulse generators for v-) and v2 are synchronized to provide an anode current waveform wrrh the following characteristics: tm = 60 to 300 its, duty cycle = 1 %. the pulse widths of vj and vj are > 10j?. f. resistor ri is adjusted for !rm = 8 a.


▲Up To Search▲   

 
Price & Availability of TIC106

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X